|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI DIGITAL ASSP MITSUBISHI DIGITAL ASSP M66007P/FP M66007P/FP 12-BIT INPUT EXPANDER 12-BIT INPUT EXPANDER DESCRIPTION The M66007 is a semiconductor integrated circuit providing the 12-bit parallel input-serial output shift register function. This product is completely designed with CMOS to sharply reduce power consumption compared with bipolar or BiCMOS product. The M66007, developed as an input only expander IC necessary for microcomputer periphery, is widely applicable as a data parallel/serial conversion IC. FEATURES * Control signals of only two pins including LE/D and CLK * Low power consumption of 50 W/package maximum (Vcc=5V, Ta=25C at time of standstill) * Schmitt triggered input (LE/D, CLK, D0 to D11) * Wide operating supply voltage range (Vcc=2~6V) * Wide operating temperature range (Ta=-20~75C) APPLICATION Parallel/serial data conversion for microcomputer periphery FUNCTION The M66007 uses a silicon gate CMOS process to achieve low power consumption and high noise margin. For control signals, this IC adopts only the two pins of latch input/serial data output LE/D and clock input CLK. Each bit of shift register of 12-bit parallel input-serial output consists of flip-flop for shift. When LE/D is placed in input mode, CLK is set to "H" and LE/ D changes from "H" to "L", the status of parallel data inputs D0 to D11 at that time is latched with the flip-flop for shift and LE/ D is switched to output mode to output "L". PIN CONFIGURATION (TOP VIEW) LATCH INPUT/ LE/D SERIAL DATA OUTPUT CLOCK INPUT D0 D1 PARALLEL DATA INPUT D2 D3 D4 1 LE/D CLK D0 D1 D2 D3 D4 D11 D10 D9 D8 D7 D6 D5 16 VCC PARALLEL DATA INPUT CLK 2 3 4 5 6 7 8 15 D11 14 D10 13 D9 12 D8 11 D7 10 D6 9 D5 GND Outline 16P4 16P2N-A After this, change of CLK from "H" to "L" makes the shift register perform shift operation and LE/D outputs the contents of the shift register from D0 in order. In addition, the shift operation for up to the 12th bit is carried out and then LE/D is switched to the input mode at the falling edge of CLK of the 13th bit. When power is turned on, the input/output mode of LE/D is indeterminate. However, detection of 13 or more falling edges of CLK sets LE/D in the input mode. BLOCK DIAGRAM Vcc LATCH INPUT/ LE/D SERIAL DATA OUTPUT QP LCLK QN CONTROL CIRCUIT SD SQ LE 1 CLOCK INPUT CLK 2 CLK D11 D10 D9 D8 SHIFT REGISTER D0 Vcc 16 Q11 Q10 Q9 Q8 PARALLEL LATCH Q0 LE D3 D2 D1 D0 GND 8 D11 D10 D9 D8 D7 D6 D5 D4 15 14 13 D11 D10 D9 12 11 D8 D7 10 D6 9 D5 7 D4 6 D3 5 D2 4 D1 3 D0 PARALLEL DATA INPUT 1 MITSUBISHI DIGITAL ASSP M66007P/FP 12-BIT INPUT EXPANDER DESCRIPTION OF OPERATION (1) When power is turned on, LE/D is placed in input/output indeterminate mode. However, detection of 13 or more of falling edges of CLK sets LE/D in input mode. (2) When LE/D is placed in input mode, and CLK is set to "H", access starts at a falling edge of LE/D and the status of D0 to D11 is latched. (3) In addition, LE/D switches from input mode to output mode and then outputs "L". OPERATION TIMING CHART Power ON Rest sequence (13 clocks or more) (4) At a falling edge of CLK from "H" to "L", data latched in step (2) is shifted sequentially and is then output from LE/D in order of D0 to D11. (5) After the output of 12-bit data of D0 to D11, LE/D is switched to input mode at the 13th falling edge of CLK to wait for next access. Keep the LE/D pin set to "H" until the next access starts. 1 2 3 4 5 6 7 8 9 10 11 12 (5) 13 CLK (1) (IN) (OUT) (2) (4) Input/output indeterminate LE/D (3) D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D0 D0 ~ D11 D11 LE/D input/output mode Indeterminate Input mode (Latch signal) Output mode (Output signal) Input mode 2 MITSUBISHI DIGITAL ASSP M66007P/FP 12-BIT INPUT EXPANDER ABSOLUTE MAXIMUM RATINGS (Ta = 20 ~ 75C unless otherwise noted) Symbol VCC VI VO IIK IOK ICC Tstg Supply voltage Input voltage Output voltage Input protection diode current Output incidental diode current Power/GND Storage temperature VI<0V VI>VCC VO<0V VO>VCC VCC, GND Parameter Conditions Ratings -0.5 ~ +7.0 -0.5 ~ VCC + 0.5 -0.5 ~ VCC + 0.5 -20 20 -20 20 20 -60 ~ 150 Unit V V V mA mA mA C RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Topr Parameter Supply voltage Input voltage Output voltage Operating temperature Min. 2 0 0 -20 Limits Typ. Max. 6 VCC VCC 75 Unit V V V C ELECTRICAL CHARACTERISTICS (Vcc = 2 ~ 6V unless otherwise noted) Symbol Parameter Threshold voltage in positive direction Threshold voltage in negative direction Low-level output voltage High-level output voltage Maximum output leak current Static consumption current Conditions Limits Ta=25C Min. Typ. Max. 0.35 0.8 x VCC x VCC 0.2 0.65 x VCC x VCC 0.1 0.4 4.4 4.1 1.0 -0.8 10.0 0.8 Ta= -20~75C Min. Max. 0.35 0.8 x VCC x VCC 0.2 0.65 x VCC x VCC 0.1 0.5 4.4 4.0 10.0 -1.2 100.0 1.2 Unit VT+ VT- VOL VOH IO ICC VO=0.1V, VCC-0.1V, IO=20A VO=0.1V, VCC-0.1V, IO=20A IOL=20A VI=VT+, VT- VCC=4.5V IOL=1mA IOH=-20A VI=VT+, VT- VCC=4.5V IOH=-1mA VO=VCC VI=VT+, VT- VCC=6V VO=GND VI=VCC, GND, VCC=6V, LE/D="H" VI=VCC, GND, VCC=6V, LE/D="L" V V V V A mA A mA SWITCHING CHARACTERISTICS (Vcc=5V) Symbol fmax tPLH tPHL tPLZ tPHZ Parameter Maximum repetition frequency Output "L-H", "H-L" propagation time CLK-LE/D Output "L-Z", "H-Z" propagation time CLK-LE/D CL=50pF (Note 1) Conditions Limits Ta = -20 ~ 75C Min. Typ. Max. 2 400 400 400 400 Unit MHz ns ns ns ns 3 MITSUBISHI DIGITAL ASSP M66007P/FP 12-BIT INPUT EXPANDER TIMING REQUIREMENTS (VCC = 5V) Limits Symbol Parameter CLK pulse width LE/D pulse width (Input mode) CLK set up time for LE/D D0~D11 set up time for LE/D CLK hold time for LE/D D0~D11 hold time for LE/D Conditions Ta = -20 ~ 75C Min. Typ. Max. 250 250 100 100 200 200 Unit tw tsu th ns ns ns Note 1. Test Circuit (1) Characteristics (10%~90%) of pulse generator (PG) tr = 6ns, tf = 6ns (2) Electrostatic capacitance CL includes the floating capacitance of connection and probe input capacitance. LE/D SW2 50 GND CL RL=1k Input VCC VCC RL=1k SW1 PG DUT Item tPLH tPHL tPLZ tPHZ SW1 Open Open Close Open SW2 Open Open Open Close 4 MITSUBISHI DIGITAL ASSP M66007P/FP 12-BIT INPUT EXPANDER TIMING DIAGRAM tw- CLK 50% tPLZ LE/D (OUT) 50% tw+ VCL 50% 50% 0V tPZL 50% VOL VCC CLK 50% 0V tPLZ Output mode Input mode LE/D 10% VOL VOH LE/D 90% tPHZ VCC CLK 50% tsu th 50% 0V VCC D0~D11 50% 50% 0V tw- 50% tsu th VCC 10% LED (IN) 0V 5 MITSUBISHI DIGITAL ASSP M66007P/FP 12-BIT INPUT EXPANDER PRECAUTIONS FOR APPLICATION 1. The following timing diagram shows the status of MCU port and LE/D pin of the M66007 when power is turned on. When MCU has been reset to make the collision period of MCU and LE/D line of the M66007 as short as possible, place the port (LE/D) in input mode and execute the reset sequence through the port (CLK) promptly to reset the M66007. As shown in the diagram, to prevent the IC from being broken due to collision of the LE/D line in the 1-2 section, set in the LE/D line in series a resistance of a degree to which the transmission speed cannot be affected. 2. When the LE/D pin on each of the MPU and M66007 sides switches from input mode to output mode or from output mode to input mode, the LE/D pin may be placed in high impedance status, resulting in oscillation. To prevent malfunction due to this oscillation, pull up the LE/D line with a high resistance of a degree to which VOH and VOL levels cannot be affected. (with approx. 20k pullup resistance built-in) Power ON MCU reset M66007 reset sequence M66007 RESET Output mode Input mode MCU port (DATA) Input/output indeterminate Input mode M66007 LE/D Input/output indeterminate Input/output indeterminate Output mode MCU port (CLK) Input/output indeterminate 13 clocks or more 1 2 3 Status of MCU and M66007 with Power Turned on Pull-resistance Port (DATA) MCU Port (CLK) Serial resistance I/O=LE/D M66007 I=CLK Connection Example of MCU and M66007 6 |
Price & Availability of M66007P |